PART |
Description |
Maker |
STM32F101T8U6TR STM32F101VBT6 STM32F101VBT6TR STM3 |
Mainstream Access line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 36 MHz CPU Mainstream Access line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 36 MHz CPU
|
ST Microelectronics
|
STM32F105VBH6 STM32F105VBT6 STM32F107VBT6 |
Mainstream Connectivity line, ARM Cortex-M3 MCU with 128 Kbytes Flash,72 MHz CPU, CAN, USB 2.0 OTG Mainstream Connectivity line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, Ethernet MAC, CAN and USB 2.0 OTG
|
ST Microelectronics
|
STM32F103R4 STM32F103R6 STM32F103C4 STM32F103C6 ST |
Mainstream Performance line, ARM Cortex-M3 MCU with 32 Kbytes Clash, 72 MHz CPU, motor control, USB and CAN Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB Low-density performance line, ARM-based 32-bit MCU Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
|
ST Microelectronics STMicroelectronics
|
STM32F101T6U6XXX STM32F101R4U6XXX STM32F101R4U6AXX |
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
|
STMicroelectronics
|
STM32F101C6 STM32F101C8 STM32F101R6 STM32F101R8 ST |
Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
|
STMicroelectronics
|
STM32F102CBT6 STM32F102C8T6 STM32F102X8 |
Medium-density USB access line, ARM-based 32b MCU with 64/128KB Flash, USB FS, 6 timers, ADC & 8 com. interfaces
|
STMicroelectronics
|
STM32F102X8 STM32F102XB STM32F102R8T6 STM32F102RBT |
Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
|
STMicroelectronics
|
STM32F101RB |
Access Line, Advanced ARM-based 32-bit MCU with Flash Memory,Six 16-bit Timers, ADC and Seven Communication Interfaces(基本型,先进的基于ARM内核2位Flash MCU6位计时器,ADC个通信接口) 接入线,先进的ARM为基础的快闪记忆体6位定时器,ADC个通信接口(基本型,先进的基于ARM的内核的32位闪存微控制器,66位计时器,模数转换器2位微控制个通信接口
|
STMicroelectronics N.V.
|
LUCL9313AP-D LUCL9313GP-DT LUCL9313AP-DT |
Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
|
http://
|
STM32F100V4H6B STM32F100V4H6BTR STM32F100V4H7B STM |
Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
|
STMicroelectronics
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
|